Part Number Hot Search : 
BF1210 DW6TG H1100 V250LT2P M7512B CXA1791N SDA5451 GSB1132
Product Description
Full Text Search
 

To Download TMD1925-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE POWER MMIC AMPLIFIER
MICROWAVE SEMICONDUCTOR TECHNICAL DATA
FEATURES
TMD1925-3 TMD1925-3
Preliminary
Suitable for Digital Communications
Low Intermodulation Distortion
High Power P1dB=34dBm(min) @1.9 to 2.5GHz High Gain G1dB=27dB(min)@1.9 to 2.5GHz
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS DRAIN SUPPLY VOLTAGE GATE SUPPLY VOLTAGE INPUT POWER STORAGE TEMPERATURE
( Ta= 25C )
SYMBOL VDD VGG Pin Tstg UNIT V V dB C RATINGS 15 -4 13 -65 +175
RF PERFORMANCE SPECIFICATIONS
CHARACTERISTICS Operating Frequency Output Power at 1dB Gain Compression Point Power Gain at 1dB Gain Compression Point Drain Current Input Return Loss Output Return Loss 3rd Order Intermodulation Distortion IDD IM3 G1dB SYMBOL f P1dB
( Ta= 25C)
CONDITION UNIT GHz dBm VDD=10V IDDset=1.2A @ P1dB Small Level
NOTE
MIN. 1.9 34.0 27.0 10
TYP. 35.0 29.0 1.6 10 -52
MAX. 2.5 1.9
dB A dB dB dBc
Signal
NOTE: Two Tone Test,Po=17dBm(Single Carrier Level) ELECTRICAL CHARACTERISTICS ( Ta= 25C)
CHARACTERISTICS Thermal Resistance SYMBOL Rth (c-c) CONDITION Channel to Case UNIT C/W MIN TYP 6 MAX 6.5
The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. The information contained herein may be changed without prior notice. It is therefore advisable to contact TOSHIBA before proceeding with design of equipment incorporating this product.
Revised Nov.2001 -1-
TMD1925-3 TMD1925-3
Package Outline (2-9E1H)
11
1.0
2.4
Unit in mm
0.250.1
0.5
: No Connection 1.2
1 2 3 4 10
: No Connection : RF IN : No Connection
13.4
17.8
8.8
8 7
2.6
9
: VGG : VDD : No Connection : RF OUT : No Connection : No Connection
11 : Orientation Tab
4-R0.5 2.00.5 8.35 2.00.5
1.2
5
6
2.6
0.10.05
Recommended Bias Configuration
10-20pF 3 : RF Input 10-20pF TMD1925-3 50 Matching 5 : VGG 47F - + 1000pF 10-20pF 10-20pF 50 Matching 1000pF + - 47F
2.4 MAX.
0.25
1.00
0.7
6 : VDD
8 : RF Output
-2-
TMD1925-3 TMD1925-3
P1dB, G1dB vs. Frequency
38 37
P1dB(dBm), G1dB(dB)
VDD=10V IDDQ=1.2A Rg=100 Rg=100
P1dB
36 35 34 33 G1dB 32 31 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8
Frequency (GHz)
Output Power vs. Input Power
38 36 34 32 3
f=2.15GHz VDD=10V Rg=100 Rg=100
2.8
IDDQ=1.2A IDDQ=1.0A
2.6 2.4
Po(dBm)
30 Po 28 26 24 22 20 18 16 14 12 -10 -8
IDDQ=1.2A IDDQ=1.0A IDDQ=0.8A IDDQ=0.6A
IDDQ=0.8A IDDQ=0.6A
2.2 2 1.8 1.6
IDD
1.4 1.2 1 0.8 0.6 0.4
-6
-4
-2
0 2 Pin (dBm)
4
6
8
10
-3-
IDD(A)
TMD1925-3 TMD1925-3
IM3 vs. Output Power
-15 -20 -25 -30 -35 -40
I DDQ=1.0A I DDQ=0.6A I DDQ=0.8A
f=2.15GHz VDD=10V Rg=100 Rg=100
IM3(dBc)
-45 -50 -55 -60 5 10 15 20 25 30
I DDQ=1.2A
35
40
45
50
Po[2-tone total] (dBm)
Group Delay vs. Frequency
4 3 .5 3 2 .5
VDD=10V IDDQ=1.2A Rg=100 Rg=100
(ns) Group Delay (ns)
2 1 .5 1 0 .5 0 1 .8 1 .9 2 2 .1 2 .2 2 .3 2 .4 2 .5 2 .6 2 .7 2 .8
Frequency (GHz)
-4-
TMD1925-3 MD1925-3 TMD1925-3 TMD1925-3 S-PARAMETERS 925 IDDQ (IDDset) IDDset)=1.2A VDD=10V, IDDQ (IDDset)=1.2A
Frequency (MHz) 1500 1600 1700 1800 1900 2000 2100 2150 2200 2300 2400 2500 2600 2700 2800 2900 3000 3100 3200 3300 3400 3500 MAG 0.36 0.24 0.20 0.19 0.19 0.16 0.12 0.10 0.07 0.03 0.06 0.13 0.22 0.30 0.36 0.39 0.41 0.43 0.47 0.49 0.51 0.54 S11 ANG 71 4 -61 -98 -123 -144 -163 -174 175 125 18 -10 -30 -47 -65 -77 -87 -94 -101 -108 -113 -119 MAG 5.80 17.2 40.9 54.3 51.9 49.8 49.3 49.1 49.1 50.1 51.7 54.3 54.7 54.9 47.2 34.8 23.5 15.5 10.5 7.7 5.7 4.1 S21 ANG -43 -111 163 71 -1 -59 -112 -137 -161 152 104 56 5 -52 -110 -164 148 107 72 40 6 -26 MAG 0.001 0.001 0.001 0.002 0.001 0.001 0.001 0.001 0.001 0.001 0.002 0.001 0.001 0.001 0.002 0.002 0.001 0.001 0.002 0.001 0.001 0.001 S12 ANG -109 152 62 2 -13 -83 -142 -89 -55 -122 -145 169 -150 -135 -112 -126 143 176 157 134 117 172 MAG 0.36 0.20 0.15 0.33 0.29 0.20 0.13 0.11 0.09 0.11 0.14 0.18 0.22 0.27 0.31 0.33 0.34 0.35 0.37 0.36 0.35 0.35 S22 ANG 122 80 -87 -170 148 125 122 125 133 147 141 120 93 56 15 -20 -48 -69 -88 -103 -111 -117
-5-


▲Up To Search▲   

 
Price & Availability of TMD1925-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X